24 series 800 pcb connectors 2.54 mm single row / double row solder tail receptacles, solder tail accept square pins n n 0.635 mm and round pins ? 0.70C0.80 mm for corresponding pin connectors see pages 30 to 35 ordering information replace xxx with the number of poles, e.g. 803-91- xxx -10-003 for a double row version with 8 pins per row becomes: 803-91- 016 -10-003 option: triple row on request 801-91-xxx-10-003 801-93-xxx-10-003 801-99-xxx-10-003 straight receptacle height 8 mm: solder tail, single row availability from: 1 to 36 contacts standard number of contacts 36 803-91-xxx-10-003 803-93-xxx-10-003 803-99-xxx-10-003 straight receptacle height 8 mm: solder tail, double row availability from: 4 to 100 contacts standard number of contacts 72 and 100 801-91-xxx-10-005 801-93-xxx-10-005 801-99-xxx-10-005 straight receptacle height 8.5 mm: solder tail, single row availability from: 1 to 36 contacts standard number of contacts 36 803-91-xxx-10-005 803-93-xxx-10-005 803-99-xxx-10-005 straight receptacle height 8.5 mm: solder tail, double row availability from: 4 to 100 contacts standard number of contacts 100 platings sleeve clip pin 91 5 m m sn pb 0.25 m m au 93 5 m m sn pb 0.75 m m au 99 5 m m sn pb 5 m m sn pb
|